Part Number Hot Search : 
7824A PT2127A P11NM60N 74LCX06 1BASA3 RC1154 FN2853 DS1521
Product Description
Full Text Search
 

To Download NTE1365 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1365 Integrated Circuit Audio Power Amplifier, 5W
Description: The NTE1365 is an integrated circuit in a 9-Lead SIP type package designed for low power amplifier applications such as portable radios, radio cassette tape recorders, and car radios. Features: D High Gain, Low Distortion, Low Noise D Few External Components D Built-In Thermal Protection Circuit D Built-In Overvoltage Protection Circuit D Low Shock Noise When Power is Switched ON/OFF Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage (V9-2), VCC Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V No Signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V Supply Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Power Dissipation (TA = +30C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10W Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Electrical Characteristics: (TA = +25C, VCC = 13.2V, RL = 4, f = 1kHz unless otherwise specified)
Parameter Quiescent Circuit Current Voltage Gain Output Power Total Harmonic Distortion Output Noise Voltage Input Impedance Symbol ICQ GV THD Vno Zi Vi = 0 Vi = 3mV Vi = 3mV Rg = 10k Test Conditions Min 7 4.5 - - - Typ 20 5.0 0.3 1.5 30 Max 45 - 1.0 3.0 - Unit mA mA W % mV k
51.5 53.5 55.5
PO(max) THD = 10%
Pin Connection Diagram (Front View)
9 VCC 8 Ripple Filter 7 GND 6 Input 5 N.F.B. 4 Phase Compensation 3 Bootstrap 2 GND 1 Output
.890 (22.6) .728 (18.5) .591 (15.0) .067 (1.72) .150 (3.8)
.059 (1.5) 1 9
.328 .229 (8.33) (5.82) .250 (6.35) .281 (7.14) .100 (2.54)


▲Up To Search▲   

 
Price & Availability of NTE1365

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X